Part Number Hot Search : 
16FF56 ATTIN ADM148 BPC250 1MBI1600 LFZ28V02 Y6215 MAZ7200
Product Description
Full Text Search
 

To Download IXTA110N055T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys corporation all rights reserved symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a55v v gs(th) v ds = v gs , i d = 100 a 2.0 4.0 v i gss v gs = 20 v, v ds = 0 v 200 na i dss v ds = v dss 2 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 25 a, note 1 5.5 7.0 m ? ds99680 (11/06) symbol test conditions maximum ratings v dss t j = 25 c to 175 c55v v dgr t j = 25 c to 175 c; r gs = 1 m ? 55 v v gsm transient 20 v i d25 t c = 25 c 110 a i dm t c = 25 c, pulse width limited by t jm 300 a i ar t c = 25 c25a e as t c = 25 c 750 mj dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 3 v/ns t j 175 c, r g = 5 ? p d t c = 25 c 230 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 seconds 260 c weight 3g trenchmv tm power mosfet preliminary technical information n-channel enhancement mode avalanche rated IXTA110N055T7 v dss =55 v i d25 =110 a r ds(on) 7.0 m ? ? ? ? ? to-263 (7-lead) (ixta..7) pin-out:1 - gate 2, 3 - source 4 - nc (cut) 5,6,7 - source tab (8) - drain 1 7 (tab) features ultra-low on resistance unclamped inductive switching (uis) rated low package inductance - easy to drive and to protect 175 c operating temperature advantages easy to mount space savings high power density applications automotive - motor drives - high side switch - 12v battery - abs systems dc/dc converters and off-line ups primary- side switch high current switching applications
ixys reserves the right to change limits, test conditions, and dimensions. IXTA110N055T7 symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , note 1 38 65 s c iss 3080 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 560 pf c rss 140 pf t d(on) resistive switching times 20 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 30 n s t d(off) r g = 5 ? (external) 40 n s t f 24 ns q g(on) 67 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 17.5 nc q gd 15 nc r thjc 0.65 c/w source-drain diode symbol test conditions characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0 v 110 a i sm pulse width limited by t jm 300 a v sd i f = 25 a a, v gs = 0 v, note 1 1.0 v t rr i f = 25 a, -di/dt = 100 a/ s70ns v r = 25 v, v gs = 0 v notes: 1. pulse test, t 300 s, duty cycle d 2 %. pins: 1 - gate 2, 3 - source 4 - drain 5,6,7 - source tab (8) - drain to-263 (7-lead) (ixta...7) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre- production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice. ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2 7,071,537
? 2006 ixys corporation all rights reserved IXTA110N055T7 fig. 1. output characteristics @ 25oc 0 10 20 30 40 50 60 70 80 90 100 110 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 2. extended output characteristics @ 25oc 0 50 100 150 200 250 300 350 0 2 4 6 8 101214161820 v ds - volts i d - amperes v gs = 10v 8v 6v 7v 5v 9v fig. 3. output characteristics @ 150oc 0 10 20 30 40 50 60 70 80 90 100 110 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 55a value vs. junction temperature 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 110a i d = 55a fig. 5. r ds(on) normalized to i d = 55a value vs. drain current 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 40 80 120 160 200 240 280 320 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 100 110 120 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit for to-263 & to-220
ixys reserves the right to change limits, test conditions, and dimensions. IXTA110N055T7 fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 3 3.5 4 4.5 5 5.5 6 6.5 7 v gs - volts i d - amperes t j = -40oc 25oc 150oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 0 20 40 60 80 100 120 140 160 180 i d - amperes g f s - siemens t j = - 40oc 25oc 150oc fig. 9. forward voltage drop of intrinsic diode 0 30 60 90 120 150 180 210 240 270 300 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 10203040506070 q g - nanocoulombs v gs - volts v ds = 27.5v i d = 25a i g = 10ma fig. 11. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2006 ixys corporation all rights reserved IXTA110N055T7 fig. 14. resistive turn-on rise time vs. drain current 21 22 23 24 25 26 27 28 29 30 31 20 22 24 26 28 30 32 34 36 38 40 i d - amperes t r - nanoseconds r g = 5 ? v gs = 10v v ds = 27.5v t j = 125oc t j = 25oc fig. 15. resistive turn-on switching times vs. gate resistance 20 30 40 50 60 70 80 90 100 5 7 9 111315171921232527293133 r g - ohms t r - nanoseconds 18.0 20.5 23.0 25.5 28.0 30.5 33.0 35.5 38.0 t d ( o n ) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 27.5v i d = 40a i d = 20a fig. 16. resistive turn-off switching times vs. junction temperature 23.0 23.5 24.0 24.5 25.0 25.5 26.0 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 35.0 37.5 40.0 42.5 45.0 47.5 50.0 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 5 ? , v gs = 10v v ds = 27.5v i d = 20a i d = 40a fig. 17. resistive turn-off switching times vs. drain current 23 24 25 26 27 20 22 24 26 28 30 32 34 36 38 40 i d - amperes t f - nanoseconds 35.0 37.5 40.0 42.5 45.0 47.5 50.0 52.5 55.0 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 5 ? , v gs = 10v v ds = 27.5v t j = 125oc t j = 25oc fig. 13. resistive turn-on rise time vs. junction temperature 21 22 23 24 25 26 27 28 29 30 31 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 5 ? v gs = 10v v ds = 27.5v i d = 40a i d = 20a fig. 18. resistive turn-off switching times vs. gate resistance 20 30 40 50 60 70 80 90 100 110 120 5 7 9 111315171921232527293133 r g - ohms t f - nanoseconds 30 60 90 120 150 180 t d ( o f f ) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 27.5v i d = 40a i d = 20a ixys ref: t_110n055t (3v) 7-11-06.xls


▲Up To Search▲   

 
Price & Availability of IXTA110N055T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X